PART |
Description |
Maker |
IRFBL10N60A |
N-Channel SMPS MOSFET(N娌?? 寮??妯″??垫?MOS?烘?搴??,?ㄤ?楂????C-DC杞???? HEXFET Power MOSFET HEXFET? Power MOSFET 11 A, 600 V, 0.61 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 11A I(D) | TO-263VAR
|
IRF[International Rectifier] VISHAY SILICONIX
|
2N7002K |
N-Ch; 60V (DS) MOSFET; add ESD protect function N沟道0V(D-S) MOSFET;补充的ESD保护功能 N-Channel 60-V (D-S) MOSFET
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
SCH2815 |
MOSFET : N-Channel Silicon MOSFET MOSFET General-Purpose Switching Device
|
Sanyo Semicon Device
|
PIC18F4520TI_SO PIC18F2420TE_PSTQP PIC18F2420TE/PS |
MOSFET N-CH 70V 76A TO-247AD 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技10 CABLE ASSEMBLY; MHV MALE TO SHV PLUG ; 93 OHM, RG62A/U COAX; 12" CABLE LENGTH 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技0 28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技0 MOSFET N-CH 800V 27A TO-264AA MOSFET N-CH 200V 58A TO-247AD MOSFET N-CH 200V 120A TO-264AA ADAPTER BNC R/A FEMALE-MALE Din Rail; External Width:7.5mm; Length:2m; Body Material:Steel MOSFET N-CH 70V 110A TO-264AA MOSFET N-CH 900V 6A TO-247AD MOSFET N-CH 600V 48A TO-264 MOSFET N-CH 500V 48A TO-264AA MOSFET N-CH 600V 44A TO-264AA MOSFET N-CH 100V 180A TO-264AA Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
Microchip Technology, Inc. Microchip Technology Inc.
|
NID9N05CL NID9N05CLT4 NID9N05CLT4G |
Power MOSFET Power MOSFET 9 Amps, 52 Volts N-Channel, Logic Level(9 A, 52V?昏??靛钩锛???????MOSFET) Power MOSFET 9 A, 52 V, N-Channel, Logic Level, Clamped MOSFET w/ESD Protection in a DPAK Package
|
ON Semiconductor
|
IXTA10N60P IXTP10N60P IXTI10N60P |
MOSFET N-CH 600V 10A D2-PAK 10 A, 600 V, 0.74 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB PolarHV Power MOSFET
|
Infineon Technologies AG IXYS CORP IXYS Corporation
|
NTE2935 NTE2933 |
30V N-Channel PowerTrench MOSFET 30V的N沟道的PowerTrench MOSFET MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE[NTE Electronics]
|
SUP85N08-08 SUB85N08-08 |
N-Channel 75-V (D-S) 175 Degree Celcious MOSFET N通道75 - V(下副秘书长175度Celcious MOSFET N-Channel 75-V (D-S) 175C MOSFET N通道75 - V(下副秘书长75荤MOSFET N-Channel MOSFET N-Channel 75-V (D-S) 175C MOSFET
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRLU8743PBF IRLR8743PBF |
160 A, 30 V, 0.0031 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
International Rectifier
|
IRFR6215PBF IRFU6215PBF IRFR6215TR IRFR6215TRL IRF |
Advanced Process Technology HEXFET㈢ Power MOSFET HEXFET? Power MOSFET 13 A, 150 V, 0.295 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA 175°C Operating Temperature
|
International Rectifier
|